Part Number Hot Search : 
M5R16ZLJ MC10100 HER180 P1013 P120NF10 LR6219 6GBU01 ASI10728
Product Description
Full Text Search
 

To Download 11305-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model 11305-3
Rev. A
Hybrid Couplers 3 dB, 90
Description
The 11305-3 is a low profile 3dB hybrid coupler in an easy to use surface mount package covering 1.0 to 2.0 GHz. The 11305-3 is ideal for balanced amplifiers and signal distribution and can be used in most high power designs. Parts have been subjected to rigorous qualification testing and units are 100% tested. They are manufactured using materials with x and y thermal expansion coefficients compatible with common substrates such as FR4, G-10 and polyamide.
ELECTRICAL SPECIFICATIONS** Features:
* * * * * * * * 1.0 - 2.0 GHz Low Loss High Isolation 90 Quadrature Surface Mountable Tape And Reel Convenient Package 100% Tested Frequency
GHz
Isolation
dB Min
Insertion Loss
dB Max
VSWR
Max:1
1.0 - 2.0 Amplitude Balance
dB Max
20 Phase Balance
Degrees
0.45 Power
Ave. CW Watts
1.30 JC
C/Watt
Operating Temp.
C
0.55
3
60
18.6
-55 to +85
**Specification based on performance of unit properly installed on microstrip printed circuit boards with 50 nominal impedance. Specifications subject to change without notice.
Outline Drawing
Top View (Near-side) Side View Bottom View (Far-side)
Pin 1
.560.010 [14.220.25]
.075.008 [1.910.20] Pin 2 .350.010 [8.890.25] Pin 2
.024.004 TYP [0.610.10] Pin 1 .050.008 [1.270.20] .050.008 [1.270.20]
GND Pin 4 Denotes Array Number Pin 3
GND Pin 3
Pin 4
Dimensions are in Inches [Millimeters] 11305-3 Rev A Mechanical Outline
Part Is Symmetric About All Axis
Available on Tape and Reel For Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Model 11305-3
Rev. A
Typical Performance: 1.0 GHz. to 2.0 GHz.
-2.4
Coupling 11305-3
Return Loss 11305-3
0
-2.8
-10 Return Loss [dB]
Coupling [dB]
-3.2
-20
-3.6
-30
-4.0 1000
1250
1500 Frequency [MHz]
1750
2000
-40 1000
1250
1500 Frequency [MHz]
1750
2000
Isolation 11305-3
0
-87
Phase Balance 11305-3
-88 Phase Balance [degrees]
1250 1500 Fre que ncy [M Hz] 1750 2000 -10
-89
Isolation [dB]
-20
-90
-91
-30
-92
-40 1000
-93 1000
1250
1500 Frequency [M Hz]
1750
2000
Pin Configuration
Mounting Footprint
To ensure proper electrical and thermal performance there must be a ground plane with 100% solder connection underneath the part
Part Is Symmetric About All Axis .460 [11.68]
Multiple plated thru holes to ground
.250 [6.35] .034 TYP [0.86] .063 SQ TYP [1.60] 50 Transmission Line
Dimensions are in Inches [Millimeters] 11305-3 Rev A Mounting Footprint
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 544-2414 +44 2392-232392
Available on Tape and Reel For Pick and Place Manufacturing.


▲Up To Search▲   

 
Price & Availability of 11305-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X